PART |
Description |
Maker |
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS-RTX2010 HS-RTX2010RH HS8-RTX2010RH HS9-RTX2010R |
Radiation Hardened Real Time Express??Microcontroller Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, CQFP84 Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, UUC84 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened Real Time Express Microcontroller
|
Advanced Analogic Technologies, Inc. Intersil, Corp. Intersil Corporation
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
FSTJ9055R4 FSTJ9055D FSTJ9055D1 FSTJ9055D3 FSTJ905 |
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs 62 A, 60 V, 0.023 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254AA Radiation Hardened/ SEGR Resistant P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRHY57230CMSE |
200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-257AA package RADIATION HARDENED POWER MOSFET
|
International Rectifier
|
IRHY57133CMSE |
RADIATION HARDENED POWER MOSFET 130V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-257AA package
|
International Rectifier
|
IRHM57264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE
|
IRF[International Rectifier]
|
IRHN57250SE |
200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package 20000kRad高可靠性单N通道看到一贴片MOSFET的硬 1封装 RADIATION HARDENED POWER MOSFET
|
International Rectifier, Corp.
|
HS-1115RH FN4098 5962F9678501VPA HFA1115IP |
Buffer, Output Limiting, Closed-Loop, 225MHz, 1135V/s, Programmable Gain, Rad-Hard From old datasheet system Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier(抗辐射高速、低功耗、输出限定的锁相环缓冲放大器)
|
INTERSIL[Intersil Corporation]
|